PART |
Description |
Maker |
ICL7663 ICL7663ACPA ICL7663ACSA ICL7663AIJA ICL766 |
High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Programmable Positive Voltage Regulator "Low-Power, Adjustable- Output, Positive-Voltage Linear Regulator" 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1085IT-12PBF LT1587CT-1.5PBF LT1083IK LM338MK |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: -40°C to 85°C 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 1.2 V-29 V ADJUSTABLE POSITIVE LDO REGULATOR, MBFM4 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, MBFM4
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
HS-117 HS-117RH 5962F9954701QYA HSYE-117RHPROTO HS |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3 Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil, Corp. Intersil Corporation
|
LM317BD2TG LM317D2TR4G LM317TG |
1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3
|
ON Semiconductor
|
OMR117AHVST OMR117 OMR117AHVNH OMR117AHVNM OMR117A |
Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator 100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR From old datasheet system
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
LM317 LM317CT |
IC VREG 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3, TO-220, 3 PIN, Adjustable Positive Single Output Standard Regulator 3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
|
Vishay Semiconductors Vishay Siliconix
|
BYV34-500 BYV34 BYV34-300 BYV34-400 BYV34SERIES BY |
Dual rectifier diodes ultrafast Low drop fixed and adjustable positive voltage regulators 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
LM117H IP117MH IP117MAH IP117MHVH IP117MAHVH LM117 |
0.5A Adjustable Positive Voltage Regulator 0.5 AMP Positive Adjustable Voltage Regulator(0.5 A 正可调稳压器) 1.5A Adjustable Positive Voltage Regulator
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited
|
LT1085IM-3.6 LT1085-FIXED LT1083-FIXED LT1085CT-12 |
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 Positive Fixed Voltage Regulator 3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
|
Linear Technology, Corp.
|
SHD526012 |
FIXED POSITIVE 1.5 AMP 12 VOLT REGULATOR
|
Sensitron
|